Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LIS25BA Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce LIS25BA
Description  MEMS digital output motion sensor: low-noise, high-bandwidth 3-axis accelerometer with TDM interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS25BA Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button LIS25BA Datasheet HTML 20Page - STMicroelectronics LIS25BA Datasheet HTML 21Page - STMicroelectronics LIS25BA Datasheet HTML 22Page - STMicroelectronics LIS25BA Datasheet HTML 23Page - STMicroelectronics LIS25BA Datasheet HTML 24Page - STMicroelectronics LIS25BA Datasheet HTML 25Page - STMicroelectronics LIS25BA Datasheet HTML 26Page - STMicroelectronics LIS25BA Datasheet HTML 27Page - STMicroelectronics LIS25BA Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Features
LIS25BA
24/32
DocID031510 Rev 4
6.2.2
Disabled mode
The LIS25BA can be put in disabled mode using the I²C interface. The power-down
command will be executed immediately (no wait state).
The LIS25BA can be resumed from disabled mode using the I²C as well. In this case the
MCLK/BCLK/WCLK clocks must be set to the correct values before writing to the I²C.
Please refer to Figure 14 for the disabled mode sequence.
Figure 14. Disabled mode sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32