| Moteur de recherche de fiches techniques de composants électroniques |
|
W5100 Fiches technique(PDF) 18 Page - WIZnet Co., Ltd |
|
|
|||||||||||||||||||||||||||||
W5100 Fiches technique(HTML) 18 Page - WIZnet Co., Ltd |
|
18 / 72 page ![]() © Copyright 2009-2011 WIZnet Co., Inc. All rights reserved. 17 Address Register 0x0500 Socket 1 Mode (S1_MR) 0x0501 Socket 1 Command (S1_CR) 0x0502 Socket 1 Interrupt (S1_IR) 0x0503 Socket 1 Status (S1_SR) 0x0504 0x0505 Socket 1 Source Port (S1_PORT0) (S1_PORT1) 0x0506 0x0507 0x0508 0x0509 0x050A 0x050B Socket 1 Destination Hardware Address (S1_DHAR0) (S1_DHAR1) (S1_DHAR2) (S1_DHAR3) (S1_DHAR4) (S1_DHAR5) 0x050C 0x050D 0x050E 0x050F Socket 1 Destination IP Address (S1_DIPR0) (S1_DIPR1) (S1_DIPR2) (S1_DIPR3) 0x0510 0x0511 Socket 1 Destination Port (S1_DPORT0) (S1_DPORT1) 0x0512 0x0513 Socket 1 Maximum Segment Size (S1_MSSR0) (S1_MSSR1) 0x0514 Socket 1 Protocol in IP Raw mode (S1_PROTO) Address Register 0x0515 Socket 1 IP TOS (S1_TOS) 0x0516 Socket 1 IP TTL (S1_TTL) 0x0517 ~ 0x051F Reserved 0x0520 0x0521 Socket 1 TX Free Size (S1_TX_FSR0) (S1_TX_FSR1) 0x0522 0x0523 Socket 1 TX Read Pointer (S1_TX_RD0) (S1_TX_RD1) 0x0524 0x0525 Socket 1 TX Write Pointer (S1_TX_WR0) (S1_TX_WR1) 0x0526 0x0527 Socket 1 RX Received Size (S1_RX_RSR0) (S1_RX_RSR1) 0x0528 0x0529 Socket 1 RX Read Pointer (S1_RX_RD0) (S1_RX_RD1) 0x052A 0x052B Reserved 0x052C ~ 0x05FF Reserved |