Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WM8960CGEFL/RV Fiches technique(PDF) 4 Page - Cirrus Logic

No de pièce WM8960CGEFL/RV
Description  Speaker and Headphone Drivers for Portable Audio Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8960CGEFL/RV Fiches technique(HTML) 4 Page - Cirrus Logic

  WM8960CGEFL/RV Datasheet HTML 1Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 2Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 3Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 4Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 5Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 6Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 7Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 8Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 94 page
background image
WM8960
4
Rev 4.4
PIN CONFIGURATION
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
25
26
27
28
29
30
31
32
TOP VIEW
RINPUT2
RINPUT1
LINPUT3/JD2
LINPUT1
LINPUT2
RINPUT3/JD3
SDIN
SPKVDD2
SPK_RN
SPKGND2
SPK_RP
SPK_LN
SCLK
DCVDD
SPKGND1
MICBIAS
ORDERING INFORMATION
ORDER CODE
TEMPERATURE RANGE
PACKAGE
MOISTURE
SENSITIVITY LEVEL
PEAK SOLDERING
TEMPERATURE
WM8960CGEFL/V
-40
C to +85C
32-lead QFN (5x5x0.9mm)
(Pb-free, Tray)
MSL3
260°C
WM8960CGEFL/RV
-40
C to +85C
32-lead QFN (5x5x0.9mm)
(Pb-free, Tape and reel)
MSL3
260°C
Note:
Tray quantity = 490 (WM8960CGEFL/V)
Reel quantity = 3500 (WM8960CGEFL/RV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94