Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7786 Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce TDA7786
Description  ELITE automotive tuners for AM/FM car-radio
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7786 Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button TDA7786 Datasheet HTML 12Page - STMicroelectronics TDA7786 Datasheet HTML 13Page - STMicroelectronics TDA7786 Datasheet HTML 14Page - STMicroelectronics TDA7786 Datasheet HTML 15Page - STMicroelectronics TDA7786 Datasheet HTML 16Page - STMicroelectronics TDA7786 Datasheet HTML 17Page - STMicroelectronics TDA7786 Datasheet HTML 18Page - STMicroelectronics TDA7786 Datasheet HTML 19Page - STMicroelectronics TDA7786 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
Function description
TDA7786, TDA7786M
16/54
DocID026122 Rev 5
2.14
HD Radio™ connectivity
The ELITE complies with HD Radio™ interface specifications as per Ibiquity's
‘RX_SSS_1108 HD Radio™ power efficient RF-IF and peripheral processing (power RIPP)
specification’, thus providing an external HD Radio™ decoder with I/Q base-band signals
and receiving the decoded digital audio from it, as shown in Figure 4.
Figure 4. HD Radio™ system architecture example
The complex baseband signal of an IBOC transmission is sent to the external decoder using
the dedicated digital output interface SAI_BB. The SAI_BB supports the modes shown in
both Figure 5 and Figure 6. Timing information for the protocols shown is detailed in Table 4
and Table 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54