| Moteur de recherche de fiches techniques de composants électroniques |
|
TS912A Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS912A Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 21 page ![]() TS912, TS912A, TS912B Macromodel Doc ID 2325 Rev 7 13/21 4 Macromodel 4.1 Important note concerning this macromodel ● All models are a trade-off between accuracy and complexity (i.e. simulation time). ● Macromodels are not a substitute to breadboarding; rather, they confirm the validity of a design approach and help to select surrounding component values. ● A macromodel emulates the nominal performance of a typical device within specified operating conditions (temperature, supply voltage, for example). Thus the macromodel is often not as exhaustive as the datasheet, its purpose is to illustrate the main parameters of the product. Data derived from macromodels used outside of the specified conditions (VCC, temperature, for example) or even worse, outside of the device operating conditions (VCC, Vicm, for example), is not reliable in any way. Figure 14. Input voltage noise vs. frequency Frequency |