| Moteur de recherche de fiches techniques de composants électroniques |
|
T1024RDB Fiches technique(PDF) 22 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
T1024RDB Fiches technique(HTML) 22 Page - Freescale Semiconductor, Inc |
|
22 / 49 page ![]() • On-board SPI device accessing various SPI memory devices • Off-board TDM riser card plug-in on J43 slot SPI_CS0 is used to access a SPI memory device, with the remaining chip selects used to select additional on-board SPI devices, and a TDM device present on the TDM riser card. The below figure shows the overall connections of the SPI portion. SPI_MOSI/MISO_CLK T1024 SPI MT25QL512 (64MB FLASH) TDM Riser card connector SPI_CS0 TDMR_SPI_CS0/CS1 Figure 2-11. SPI interface 2.12 IFC The T1024 Integrated Flash Controller (IFC) supports 32-bit addressing and 8- or 16-bit data widths for a variety of devices to effectively manage all the resources with maximum performance and flexibility. The below figure shows an overview of the IFC bus. T1024 ADDR,DATA,Control NAND Flash (MT29F8G08ABABAWP) (1.8 V) NOR Flash (JS28F00AM29EWHA) CPLD NAND_CS Cfg_vbank[0:2] IFC_VA5-A7 IFC_A5-A7 XORs Figure 2-12. IFC bus IFC QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015 22 Freescale Semiconductor, Inc. |