| Moteur de recherche de fiches techniques de composants électroniques |
|
T1024 Fiches technique(PDF) 20 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
T1024 Fiches technique(HTML) 20 Page - Freescale Semiconductor, Inc |
|
20 / 49 page ![]() EMI1_MDC EMI1_MDIO T1024 EMI2_MDC EMI2_MDIO 2V5_SLP IV2 PHY_ADDR=0X02 (MAC4) RTL8211E-VL (RGMII PHY) RTL8211E-VL (RGMII PHY) PHY_ADDR=0X06 (MAC3) AQR105 (10G BASE-T PHY) AQR105 (2.5G SGMII PHY) PHY_ADDR=0X01 (MAC1) PHY_ADDR=0X02 (MAC3) EMI1_MDC_SLP EMI1_MDIO_SLP OE 2V5 74LVC1G66*2 EMI2_MDC EMI2_MDIO Figure 2-9. EMI hardware block 2.10 I2C The T1024 devices supports up to four I2C buses, to make the I2C resources equally available to both local and remote systems. The T1024RDB uses I2C1 port to access on- board devices, such as DDR3 DIMM, thermal sensor (ADT7461), EEPROM, RTC, and clock PLL. The I2C2 bus uses multiplexers to partition the I2C bus into several channels. Two mini PCIe slots use channels 0 and 1, and the PCIe slot uses channel 3. The following figure shows the I2C subsystem. I2C QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015 20 Freescale Semiconductor, Inc. |