| Moteur de recherche de fiches techniques de composants électroniques |
|
MTS400S Fiches technique(PDF) 1 Page - Transcend Information. Inc. |
|
|
|||||||||||||||||||||||||||||
MTS400S Fiches technique(HTML) 1 Page - Transcend Information. Inc. |
|
1 / 3 page ![]() SATA III M.2 Solid State Drive M.2 SSD 400S Transcend's SATA III 6Gb/s M.2 SSD 400S boasts ultra compact dimensions to address the high performance needs and strict size limitations of small form factor devices, best suited for Ultrabooks and thin, light notebooks. Featuring a powerful controller, exceptional transfer speeds, and MLC NAND flash memory, the M.2 SSD 400S easily handles everyday computing tasks as well as demanding multimedia applications, delivering steadfast reliability. Perfect for your Ultrabook Compliant with all M.2 form factors from Type 2242, 2260, to 2280, Transcend's MLC M.2 SSDs are perfect for use in Ultrabooks and lightweight notebooks. Measured at just 42mm in length, the M.2 SSD 400S makes for an easy upgrade to your computer, taking up little space while giving it a much needed energy boost. Superior transfer speeds Transcend's M.2 SSD 400S reaches incredible read and write speeds of up to 530MB/s and 200MB/s. When used as a cache, the M.2 SSD 400S provides 1.5 times faster boot time than conventional hard drives. Store more in less space The M.2 form factor enables expansion and integration of functions onto a single form factor module solution. M.2 SSDs include a smaller form factor but with larger capacities than that of mSATA and half-slim SSDs. © Transcend Information, Inc. All Rights Reserved. www.transcend-info.com |
Numéro de pièce similaire - MTS400S |
|
Description similaire - MTS400S |