Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP6288 Fiches technique(PDF) 24 Page - Lowpower Semiconductor inc

No de pièce LP6288
Description  Multi-Channel DC-DC Converter for LCD Panels
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWER [Lowpower Semiconductor inc]
Site Internet  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6288 Fiches technique(HTML) 24 Page - Lowpower Semiconductor inc

Back Button LP6288 Datasheet HTML 16Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 17Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 18Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 19Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 20Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 21Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 22Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 23Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 24Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
Preliminary Datasheet
LP6288
Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 24 of 24
LP6288
Version 0.1 JAN.-2018
Outline Information
QFN-40 Package (6×6) pitch 0.5 (Unit: mm)
LPS
LP6288
YWX
D
E
E2
D2
1
A1
A
A3
e
L
h
h
b
Nd
Ne
SYMBOL
DIMENSION IN MILLIMETER
MIN
NOM
MAX
A
0.700
0.750
0.800
A1
---
0.020
0.050
b
0.180
0.250
0.300
A3
0.180
0.200
0.250
D
5.900
6.000
6.100
D2
4.100
4.200
4.300
E
5.900
6.000
6.100
E2
4.100
4.200
4.300
e
0.500 BSC
Nd
4.500 BSC
Ne
4.500 BSC
L
0.350
0.400
0.450
h
0.300
0.350
0.400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24