| Moteur de recherche de fiches techniques de composants électroniques |
|
LP6498SOF Fiches technique(PDF) 2 Page - Lowpower Semiconductor inc |
|
|
|||||||||||||||||||||||||||||
LP6498SOF Fiches technique(HTML) 2 Page - Lowpower Semiconductor inc |
|
2 / 9 page ![]() LP6498-00 Mar.-2018 Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 2 of 9 Preliminary Datasheet LP6498 Functional Pin Description Package Type SOP8(Top View) SOT23-6(Top View) Pin Configurations GND REF 1 2 3 4 5 6 7 8 VIN EN RV SW Vout LED FB 1 2 3 4 5 6 GND NC SW VIN EN Pin Description PIN Name Description SOP8 SOT23-6 1 4 EN Enable Pin 2 5 VIN Voltage supply. 3 2 GND Ground. 4 REF Internal Reference Pin. 5 LED Output Voltage Status Indicator. 6 Vout Feedback Input Connection to Output Voltage. 3 FB Feedback Input. Vout = ( R1 R2 + 1) × VFB 7 6 SW Switch Mode Connection to Inductor. This pin connects to the drains of the internal main and synchronous power MOSFET switches. 8 RV Identification Voltage.output 2V Voltage 1 NC No connection. |