| Moteur de recherche de fiches techniques de composants électroniques |
|
5000 Fiches technique(PDF) 36 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
5000 Fiches technique(HTML) 36 Page - Texas Instruments |
|
36 / 42 page ![]() OMIT TSW-107-02-S-D OMIT 0.1uF OMIT 0.1uF 1.0uF 12pF 12pF 0.1uF 0.1uF 0.1uF 0.1uF 2.2uF 5.6k OMIT 5.6k OMIT 5.6k OMIT 10k 10k 10k 10k 0 0 0 0 0 0 0 GND GND GND GND GND GND GND GND GND GND GND GND 0 TPD4S012_DRY_6 5.6k 10k GND 2k GND 3300pF GND TRST 9 GND 3 NC 5 RESET 10 RTCK 7 TCK 4 TDI 8 TDO 6 TMS 2 VTREF 1 U21 X1-1 X1-2 X1-3 X1-4 X1-5 X1-6 X1-7 X1-8 X1-9 X1-10 X1-11 X1-12 X1-13 X1-14 C2 C5 C6 C8 C9 C10 C11 C12 C13 C7 R12 R13 R14 R1 R2 R4 R5 TP2 TP1 R6 R7 R8 R10 R11 R15 R16 EXTDBG P3 RESET P10 GND P5 GND1 P9 P$7 P7 TCK P4 TDI P8 TDO P6 TMS P2 VTARGET P1 R40 HIB P$33 RESET P$38 WAKE P$32 GND0 P$12 GND1 P$27 GND2 P$39 GND3 P$55 GNDA P$3 GNDX P$35 OSC0 P$40 OSC1 P$41 PA0 P$17 PA1 P$18 PA2 P$19 PA3 P$20 PA4 P$21 PA5 P$22 PA6 P$23 PA7 P$24 PB0 P$45 PB1 P$46 PB2 P$47 PB3 P$48 PB4 P$58 PB5 P$57 PB6 P$1 PB7 P$4 PC0/TCK P$52 PC1/TMS P$51 PC2/TDI P$50 PC3/TDO P$49 PC4 P$16 PC5 P$15 PC6 P$14 PC7 P$13 PD0 P$61 PD1 P$62 PD2 P$63 PD3 P$64 PD4 P$43 PD5 P$44 PD6 P$53 PD7 P$10 PE0 P$9 PE1 P$8 PE2 P$7 PE3 P$6 PE4 P$59 PE5 P$60 PF0 P$28 PF1 P$29 PF2 P$30 PF3 P$31 PF4 P$5 VBAT P$37 VDD0 P$11 VDD1 P$26 VDD2 P$42 VDD3 P$54 VDDA P$2 VDDC0 P$25 VDDC1 P$56 XOSC0 P$34 XOSC1 P$36 DM P2 DP P3 GND P5 ID P4 VBUS P1 D+ 1 D- 2 GND 4 ID 3 N.C. 5 VBUS 6 U3 R28 R29 R50 C33 ICDI_TDI ICDI_TMS ICDI_TMS ICDI_TCK ICDI_TCK ICDI_TDO ICDI_TDO ICDI_RESET ICDI_RESET VCP_RXD VCP_RXD VCP_RXD VCP_TXD VCP_TXD VCP_TXD DEBUG_PC1/TMS/SWDIO DEBUG_PC1/TMS/SWDIO DEBUG_PC1/TMS/SWDIO DEBUG_PC1/TMS/SWDIO DEBUG_PC1/TMS/SWDIO DEBUG_PC3/TDO/SWO DEBUG_PC3/TDO/SWO DEBUG_PC3/TDO/SWO DEBUG_PC3/TDO/SWO DEBUG_PC3/TDO/SWO DEBUG_PC2/TDI DEBUG_PC2/TDI DEBUG_PC2/TDI DEBUG_PC2/TDI DEBUG_RESET_OUT DEBUG_RESET_OUT DEBUG_RESET_OUT DEBUG_RESET_OUT EXTERNAL_DEBUG EXTERNAL_DEBUG ICDI_VDDC VERSION_1 VERSION_1 VERSION_2 VERSION_2 VERSION_0 VERSION_0 DEBUG_ACTIVE DEBUG_ACTIVE ICDI_USBD_N ICDI_USBD_N ICDI_USBD_P ICDI_USBD_P TARGET_TXD/2.5D TARGET_TXD/2.5D TARGET_RXD/2.5D TARGET_RXD/2.5D TARGET_TCK/SWCLK/1.2A TARGET_TCK/SWCLK/1.2A TARGET_TCK/SWCLK/1.2A TARGET_TMS/SWDIO/1.2B TARGET_TMS/SWDIO/1.2B TARGET_TMS/SWDIO/1.2B TARGET_TDI/1.2B TARGET_TDI/1.2B TARGET_TDO/SWO/1.2B TARGET_TDO/SWO/1.2B TARGET_RESET/5.2A TARGET_RESET/5.2A DEBUG_VBUS/5.1B DEBUG_VBUS/5.1B DEBUG_VBUS/5.1B DEBUG_PC0/TCK/SWCLK DEBUG_PC0/TCK/SWCLK DEBUG_PC0/TCK/SWCLK DEBUG_PC0/TCK/SWCLK DEBUG_PC0/TCK/SWCLK MCU_3V3/5.6B A B C D E A B C D E 1 2 3 4 5 6 U6 JTAG_ARM_10PIN U20 TM4C123GH6PMI TM4C123xH6PMI U22G$1 PE4 ETM_ENn Leave Open use GPIO Internal weak pullup. PE5 LS_PRESENTn Leave Open use GPIO internal weak pullup VERSION RESISTOR TABLE: *use internal GPIO weak pullups. ALL OMITTED: Legacy mode. (Stellaris ICDI) ALL POPULATED: Everything enabled Version 0 populated: UART CTS/RTS and Analog inputs JTAG PULL-UPS Jumpers to bridge from ICDI to Target portion of LaunchPad EXTERNAL_DEBUG pull low to use external debugger to debug the target. Causes ICDI chip to tri-state the JTAG lines Use this for JTAG IN from external debugger. See X1 jumpers for information about debug out to an external target. R40 must be removed for debug out. R40 must be instaled for debug in. X1 omitted by default To debug out from ICDI to off board MCU remove 0 ohm jumper resistors. To go back from debug out to debugging the target MCU install X1 and place jumpers on all pins. |