Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

E39-R12 Fiches technique(PDF) 14 Page - Omron Electronics LLC

No de pièce E39-R12
Description  Compact and Reliable Laser Photoelectric Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R12 Fiches technique(HTML) 14 Page - Omron Electronics LLC

Back Button E39-R12 Datasheet HTML 7Page - Omron Electronics LLC E39-R12 Datasheet HTML 8Page - Omron Electronics LLC E39-R12 Datasheet HTML 9Page - Omron Electronics LLC E39-R12 Datasheet HTML 10Page - Omron Electronics LLC E39-R12 Datasheet HTML 11Page - Omron Electronics LLC E39-R12 Datasheet HTML 12Page - Omron Electronics LLC E39-R12 Datasheet HTML 13Page - Omron Electronics LLC E39-R12 Datasheet HTML 14Page - Omron Electronics LLC E39-R12 Datasheet HTML 15Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
E3Z-LT/LR/LL
14
Accessories (Order Separately)
Slit
E39-S65A
32.2
32.2
20.2
20.2
0.2-mm-thick
10.4
10.4
0.5 dia.
12.7
Material
SUS301 stainless steel
Reflector
E39-R1
Materials
Reflective surface: Acrylic
Rear surface:
ABS
34
40.3
52
59.9
2.7
8
1.6
7.5
Two, 3.5 dia.
7
Reflector
E39-R6
34
40
52
60
3.5
4.8
Two, 3.5 dia.
Materials
Reflective surface: Acrylic
Rear surface:
ABS
37
R3.7
23
30
23
45
5.5
2.9
R3.7
Two,
3.4 dia.
Reflector
E39-R12
Materials
Reflector: Polycarbonate (surface)
Acrylic (interior)
Frame:
ABS
Cat. No. E850-E1-01
In the interest of product improvement, specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15