| Moteur de recherche de fiches techniques de composants électroniques |
|
E8Y-A2C-R Fiches technique(PDF) 3 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E8Y-A2C-R Fiches technique(HTML) 3 Page - Omron Electronics LLC |
|
3 / 9 page ![]() E8Y E8Y 4 Nomenclature s E8Y PRESSURE SENSOR Display 1 Numerical value/menu indication Displays the measured pressure and some menu settings. 2 Unit Shows the measuring unit. Unit currently in use is illuminated. 3 OUT 1 indication LED In measurement mode, it lights when OUT 1 output is on. In setting mode, it flashes when OUT 1 is being set. 4 OUT 2 indication LED In measurement mode, it lights when OUT 2 output is on. In setting mode, it flashes when OUT 2 is being set. Operation key 5 ADJ In measurement mode, it adjusts the Zero Point. In setting mode, it shifts to measurement mode. 6 MODE Selects the current number setting or menu option. 7 UP/DOWN In measurement mode, pushing the DOWN key displays the ON and OFF points of OUT 1; pushing the UP key displays the ON and OFF points of OUT 2. In setting mode, the UP and DOWN keys increase or decrease the numeric value, respectively, or scroll through the menu options. 1 2 3 4 5 6 7 Application Examples Filter E8Y E8Y E8Y- -F N2 Lead Frame E8Y- -F s DETECTION OF FILTER CLOGGING s EXHAUST FAN ROTATION DETECTION s DETECTION OF FLOW s AIR FLOW CONTROL x10-3 psi |