Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAV99 Fiches technique(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

No de pièce BAV99
Description  Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Site Internet  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

BAV99 Fiches technique(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  BAV99 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, BAV99 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, BAV99 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAV99
Switching Diode
1 / 3
www.pingjingsemi.com
Revision:2.0 Jun - 2019
Parameter
Symbol
Value
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
85
V
Continuous Reverse voltage
VR
75
V
Continuous forward current (double diode load)
IF
200
mA
Peak Forward Surge Current
at t = 1 s
at t = 1 ms
at t = 1 μs
IFSM
0.5
1
4.5
A
Forwad Voltage
at IF = 1 mA
VF
0.715
0.855
1
1.25
V
Reverse Currunt
at VR = 25 V
at VR = 75 V
at VR = 25 V, TJ = 150
at VR = 75 V, TJ = 150
IR
30
1
30
50
nA
μA
μA
μA
Typical Junction Capacitance
at VR = 4 V, f = 1 MHz
CJ
1.5
pF
Power Dissipation
PD
350
mW
Maximum Reverse Recovery Time
trr
4
nS
Junction Temperature
TJ
150
Storage Temperature Range
TSTG
-65 to +150
Features
Maximum Ratings
Ratings at 25℃ ambient temperature unless otherwise specified.
3
1
2
SOT-23
Electrical Characteristics
Ratings at
25℃ ambient temperature unless otherwise specified.
at IF = 10 mA
at IF = 50 mA
at IF =150 mA
For surface mount applications
Fast reverse recovery time
Ideal for automated placements
Lead free in comply with EU RoHS2011/65/EU directives


Numéro de pièce similaire - BAV99

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
BAV99 PANJIT-BAV99 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAV99 PHILIPS-BAV99 Datasheet
56Kb / 12P
High-speed double diode
1999 May 11
logo
Vishay Siliconix
BAV99 VISHAY-BAV99 Datasheet
53Kb / 4P
Dual Surface Mount Switching Diode
06-Aug-99
logo
Won-Top Electronics
BAV99 WTE-BAV99 Datasheet
46Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Zowie Technology Corpor...
BAV99 ZOWIE-BAV99 Datasheet
51Kb / 2P
DUAL SERIES SWITCHING DIODE
More results

Description similaire - BAV99

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com