| Moteur de recherche de fiches techniques de composants électroniques |
|
L6997S Fiches technique(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6997S Fiches technique(HTML) 20 Page - STMicroelectronics |
|
20 / 30 page ![]() L6997S 20/30 Figure 17. L6997S Schematic diagram 7.1 UMPERS CONNECTION Table 10. Jumper connection with integrator *This component is not necessary, depends from the output ESR capacitor. See the integrator section. Table 11. Jumper connection without integrator Component Connection C4 Mounted C7 Mounted* INT Close NOINT Open Component Connection C4 Not mounted C7 Not Mounted INT Open NOINT Close PGND PHASE GNDSENSE VSENSE LGATE BOOT HGATE VDR FB OSC VCC VREF NOSKIP OVP PGOOD SHDN V CC L6997 GND SS INT R10 R9 C13, C14, C15, C16, C17, C18 R3 R4 C5 R5 C22 C3 D1 C19 Q1, Q2, Q3 Q4, Q5, Q6 D2 C7 C8 C9 C10, C11 C12 C20 C21 R8 C23 NOINT INT NOINT INT C6 C25 C4 C7 C N R N TP1 TP2 TP3 R12 R11 R7 R6 V OUT C2 SW1 R13 C24 L V in L6997S |