Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAME70N21 Fiches technique(PDF) 14 Page - Microchip Technology

No de pièce SAME70N21
Description  SAM E70/S70/V70/V71 Family Silicon Errata and Data Sheet Clarification
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAME70N21 Fiches technique(HTML) 14 Page - Microchip Technology

Back Button SAME70N21 Datasheet HTML 10Page - Microchip Technology SAME70N21 Datasheet HTML 11Page - Microchip Technology SAME70N21 Datasheet HTML 12Page - Microchip Technology SAME70N21 Datasheet HTML 13Page - Microchip Technology SAME70N21 Datasheet HTML 14Page - Microchip Technology SAME70N21 Datasheet HTML 15Page - Microchip Technology SAME70N21 Datasheet HTML 16Page - Microchip Technology SAME70N21 Datasheet HTML 17Page - Microchip Technology SAME70N21 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
4.
Boundary Scan Mode
4.1
Internal Regulator
The internal regulator is OFF in Boundary Scan mode.
Workaround
The user must provide external VDDCORE (1.2V) to perform Boundary Scan mode.
Affected Silicon Revisions
A
B
X
X
SAM E70/S70/V70/V71 Family
Boundary Scan Mode
© 2018 Microchip Technology Inc.
Datasheet Errata
DS80000767C-page 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41