| Moteur de recherche de fiches techniques de composants électroniques |
|
XRT79L71IB Fiches technique(PDF) 4 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT79L71IB Fiches technique(HTML) 4 Page - Exar Corporation |
|
4 / 441 page ![]() XRT79L71 PRELIMINARY áç áç áç áç REV. P1.0.3 1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC 1 TABLE OF CONTENTS GENERAL DESCRIPTION .................................................................................................1 GENERAL FEATURES:......................................................................................................................................1 Line Interface Unit ....................................................................................................................................................... 1 DS3/E3 Framer............................................................................................................................................................ 1 ATM/PPP PROTOCOL PROCESSOR........................................................................................................................ 1 Transmit Cell Processing............................................................................................................................................. 1 Receive Cell Processing.............................................................................................................................................. 2 Transmit Packet Processing ........................................................................................................................................ 2 Receive Packet Processing ......................................................................................................................................... 2 Utopia/ System Interface ............................................................................................................................................. 2 Serial Interface ............................................................................................................................................................ 2 APPLICATIONS ...........................................................................................................................................2 FIGURE 1. BLOCK DIAGRAM OF THE XRT79L71 ............................................................................................................................... 2 PRODUCT ORDERING INFORMATION ................................................................................................................2 TABLE 1: PIN OUT OF THE XRT79L71 (TOP VIEW) ........................................................................................................................ 3 TABLE OF CONTENTS ...........................................................................................................1 PIN DESCRIPTIONS.........................................................................................................................................4 MICROPROCESSOR INTERFACE .......................................................................................................................4 TEST AND DIAGNOSTIC ...................................................................................................................................7 GENERAL PURPOSE INPUT AND OUTPUT PINS .................................................................................................8 TRANSMIT SYSTEM SIDE INTERFACE PINS .......................................................................................................8 RECEIVE SYSTEM SIDE INTERFACE PINS .......................................................................................................23 TRANSMIT LINE SIDE SIGNALS ......................................................................................................................35 RECEIVE LINE SIDE SIGNALS ........................................................................................................................36 VDD PINS ...................................................................................................................................................37 GND PINS ...................................................................................................................................................38 NOT CONNECTED PINS.................................................................................................................................38 ELECTRICAL CHARACTERISTICS ................................................................................39 AC ELECTRICAL CHARACTERISTIC INFORMATION ..................................................39 MICROPROCESSOR INTERFACE TIMING FOR REVISION A SILICON ......................................................39 MICROPROCESSOR INTERFACE TIMING - ASYNCHRONOUS INTEL MODE.................................................... 39 TABLE 2: DC ELECTRICAL CHARACTERISTICSS..................................................................................................................... 39 Applies to all TTL-Level Input and CMOS Level Output pins - Ambient Temperature = 25°C .................................. 39 FIGURE 2. ASYNCHRONUS MODE 1 - INTEL TYPE PROGRAMMED I/O TIMING (WRITE CYCLE) ............................................................ 39 FIGURE 3. ASYNCHRONUS MODE 1 - INTEL TYPE PROGRAMMED I/O TIMING (READ CYCLE) ............................................................. 40 TABLE 3: TIMING INFORMATION FOR THE MICROPROCESSOR INTERFACE, WHEN CONFIGURED TO OPERATE IN THE INTEL ASYNCHRONOUS MODE ............................................................................................................................................................................ 40 MICROPROCESSOR INTERFACE TIMING - ASYNCHRONOUS MOTOROLA (68K) MODE................................................................................................................................41 FIGURE 4. ASYNCHRONUS MODE 2 - MOTOROLA 68K PROGRAMMED I/O TIMING (WRITE CYCLE) .................................................... 41 FIGURE 5. ASYNCHRONUS MODE 2 - MOTOROLA 68 PROGRAMMED I/O TIMING (READ CYCLE) ........................................................ 41 MICROPROCESSOR INTERFACE TIMING - POWER PC 403 SYNCHRONOUS MODE42 TABLE 4: TIMING INFORMATION FOR THE MICROPROCESSOR INTERFACE WHEN CONFIGURED TO OPERATE IN THE MOTOROLA (68K) ASYN- CHRONOUS MODE........................................................................................................................................................... 42 FIGURE 6. SYNCHRONOUS MODE 3 - IBM POWERPC 403 INTERFACE TIMING (WRITE CYCLE) ......................................................... 42 FIGURE 7. SYNCHRONOUS MODE 3 - IBM POWERPC 403 INTERFACE TIMING (READ CYCLE)........................................................... 43 TABLE 5: TIMING INFORMATION FOR THE MICROPROCESSOR INTERFACE, WHEN CONFIGURED TO OPERATE IN THE IBM POWER PC403 MODE ............................................................................................................................................................................ 43 MICROPROCESSOR INTERFACE TIMING - IDT3051/52 MODE ..................................44 FIGURE 8. SYNCHRONOUS MODE 4 - IDT 3051/52 INTERFACE TIMING (WRITE CYCLE) .................................................................... 44 FIGURE 9. SYNCHRONOUS MODE 4 - IDT 3051/52 INTERFACE TIMING (READ CYCLE)...................................................................... 45 TABLE 6: TIMING INFORMATION FOR THE MICROPROCESSOR INTERFACE, WHEN CONFIGURED TO OPERATE IN THE IBM POWER PC403 MODE ............................................................................................................................................................................ 45 DS3/E3 LIU INTERFACE - LINE SIDE ELECTRICAL CHARACTERISTIC INFORMATION 46 |