Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAMS70J21 Fiches technique(PDF) 4 Page - Microchip Technology

No de pièce SAMS70J21
Description  SAM E70/S70/V70/V71 Family Silicon Errata and Data Sheet Clarification
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMS70J21 Fiches technique(HTML) 4 Page - Microchip Technology

  SAMS70J21 Datasheet HTML 1Page - Microchip Technology SAMS70J21 Datasheet HTML 2Page - Microchip Technology SAMS70J21 Datasheet HTML 3Page - Microchip Technology SAMS70J21 Datasheet HTML 4Page - Microchip Technology SAMS70J21 Datasheet HTML 5Page - Microchip Technology SAMS70J21 Datasheet HTML 6Page - Microchip Technology SAMS70J21 Datasheet HTML 7Page - Microchip Technology SAMS70J21 Datasheet HTML 8Page - Microchip Technology SAMS70J21 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
Table of Contents
SAM E70/S70/V70/V71 Family........................................................................................1
1. Silicon Issue Summary.............................................................................................. 6
2. Analog Front-End Controller (AFEC)....................................................................... 11
3. ARM Cortex-M7.......................................................................................................13
4. Boundary Scan Mode.............................................................................................. 14
5. Device......................................................................................................................15
6. Extended DMA Controller (XDMAC)....................................................................... 16
7. Fast Flash Programming Interface (FFPI)............................................................... 17
8. Ethernet MAC (GMAC)............................................................................................18
9. Inter-IC Sound Controller (I2SC)............................................................................. 19
10. Controller Area Network (MCAN)............................................................................ 20
11. Parallel Input/Output (PIO)...................................................................................... 24
12. Power Management Controller (PMC).................................................................... 25
13. Quad Serial Peripheral Interface (QSPI)................................................................. 26
14. Real-Time Clock (RTC)........................................................................................... 27
15. SDRAM Controller (SDRAMC)................................................................................ 28
16. Static Memory Controller (SMC)..............................................................................29
17. Serial Synchronous Controller (SSC)...................................................................... 30
18. Supply Controller (SUPC)........................................................................................31
19. TWI High-Speed (TWIHS)....................................................................................... 32
20. Universal Synchronous Asynchronous Receiver Transmitter (USART).................. 33
21. USB High-Speed (USBHS)..................................................................................... 34
22. Digital to Analog Converter Controller (DACC)....................................................... 35
23. Data Sheet Clarifications......................................................................................... 36
SAM E70/S70/V70/V71 Family
© 2018 Microchip Technology Inc.
Datasheet Errata
DS80000767C-page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41