| Moteur de recherche de fiches techniques de composants électroniques |
|
SAMV71N21 Fiches technique(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SAMV71N21 Fiches technique(HTML) 23 Page - Microchip Technology |
|
23 / 41 page ![]() Workaround When using Revision A silicon, ensure that the name MCAN_BTP is used. Affected Silicon Revisions A B X 10.10 MCAN Transmitter Delay Compensation Register In Revision A silicon, the MCAN Transmitter Delay Compensation Register (MCAN_TDCR) does not exist. Workaround The transmit delay compensation offset is configured in the TDCO field of the MCAN_FBTP register. Affected Silicon Revisions A B X 10.11 Timestamping Function On Revision A silicon, TC Counter 0 is not connected to PCK6 and PCK7; therefore, the timestamping functionality does not exist. Workaround None. Affected Silicon Revisions A B X SAM E70/S70/V70/V71 Family Controller Area Network (MCAN) © 2018 Microchip Technology Inc. Datasheet Errata DS80000767C-page 23 |