Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAMV71N20 Fiches technique(PDF) 3 Page - Microchip Technology

No de pièce SAMV71N20
Description  SAM E70/S70/V70/V71 Family Silicon Errata and Data Sheet Clarification
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMV71N20 Fiches technique(HTML) 3 Page - Microchip Technology

  SAMV71N20 Datasheet HTML 1Page - Microchip Technology SAMV71N20 Datasheet HTML 2Page - Microchip Technology SAMV71N20 Datasheet HTML 3Page - Microchip Technology SAMV71N20 Datasheet HTML 4Page - Microchip Technology SAMV71N20 Datasheet HTML 5Page - Microchip Technology SAMV71N20 Datasheet HTML 6Page - Microchip Technology SAMV71N20 Datasheet HTML 7Page - Microchip Technology SAMV71N20 Datasheet HTML 8Page - Microchip Technology SAMV71N20 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
Table 4. SAM E70 Silicon Device Identification
Part Number
Device Identification
Revision
(CHIPID_CIDR.VERSION[4:0])
CHPID_CIDR[31:0] CHIPID_EXID[31:0]
A
B
SAME70Q19
0xA10D_0A0x
0x00000002
0x0
0x1
SAME70Q20
0xA102_0C0x
0x00000002
SAME70Q21
0xA102_0E0x
0x00000002
SAME70N19
0xA10D_0A0x
0x00000001
SAME70N20
0xA102_0C0x
0x00000001
SAME70N21
0xA102_0E0x
0x00000001
SAME70J19
0xA10D_0A0x
0x00000000
SAME70J20
0xA102_0C0x
0x00000000
SAME70J21
0xA102_0E0x
0x00000000
Note: 
1.
Refer to the “Chip Identifier (CHIPID)” section in the current Device Data Sheet (DS60001527C) for
detailed information on Chip Identification and Revision IDs for your specific device.
SAM E70/S70/V70/V71 Family
© 2018 Microchip Technology Inc.
Datasheet Errata
DS80000767C-page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41