Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAMR21 Fiches technique(PDF) 27 Page - ATMEL Corporation

No de pièce SAMR21
Description  SMART ARM-based Microcontrollers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMR21 Fiches technique(HTML) 27 Page - ATMEL Corporation

Back Button SAMR21 Datasheet HTML 23Page - ATMEL Corporation SAMR21 Datasheet HTML 24Page - ATMEL Corporation SAMR21 Datasheet HTML 25Page - ATMEL Corporation SAMR21 Datasheet HTML 26Page - ATMEL Corporation SAMR21 Datasheet HTML 27Page - ATMEL Corporation SAMR21 Datasheet HTML 28Page - ATMEL Corporation SAMR21 Datasheet HTML 29Page - ATMEL Corporation SAMR21 Datasheet HTML 30Page - ATMEL Corporation SAMR21 Datasheet HTML 31Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
Figure 7-7. SAM-ICE using an Atmel-ICE Adapter
Important: 
If contention with the on-board EDBG occur, power the Xplained Pro board from another input
like the external power header or from the target USB. Physically removing the connection
between the EDBG and the debug header by removing 0Ω resistors, where available, or cutting
the tracks to the EDBG can also be done.
Atmel SAM R21 Xplained Pro [USER GUIDE]
Atmel-42243D-SAM-R21-Xplained-Pro_User Guide-04/2016
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31