Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAMV71Q21 Fiches technique(PDF) 22 Page - Microchip Technology

No de pièce SAMV71Q21
Description  SAM E70/S70/V70/V71 Family Silicon Errata and Data Sheet Clarification
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMV71Q21 Fiches technique(HTML) 22 Page - Microchip Technology

Back Button SAMV71Q21 Datasheet HTML 18Page - Microchip Technology SAMV71Q21 Datasheet HTML 19Page - Microchip Technology SAMV71Q21 Datasheet HTML 20Page - Microchip Technology SAMV71Q21 Datasheet HTML 21Page - Microchip Technology SAMV71Q21 Datasheet HTML 22Page - Microchip Technology SAMV71Q21 Datasheet HTML 23Page - Microchip Technology SAMV71Q21 Datasheet HTML 24Page - Microchip Technology SAMV71Q21 Datasheet HTML 25Page - Microchip Technology SAMV71Q21 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
•
PEDE bit is replaced by the BEE bit
•
PEAE bit is replaced by the CRCEE bit
Workaround
None.
Affected Silicon Revisions
A
B
X
10.7
MCAN_ILS Register
On Revision A silicon, the content in the MCAN Interrupt Line Support Register does not match the
content in the current device data sheet.
•
STEL and FOEL bits are present
•
ARAL bit is replaced by the ACKEL bit
•
PEDL bit is replaced by the BEL bit
•
PEAL bit is replaced by the CRCEL bit
Workaround
None.
Affected Silicon Revisions
A
B
X
10.8
MCAN Data Bit Timing and Prescaler Register
On Revision A silicon, the MCAN Data Bit Timing and Prescaler register (MCAN_DBTP) is named MCAN
Fast Bit Timing and Prescaler register (MCAN_FBTP).
Workaround
When using Revision A silicon, ensure that the name MCAN_FBTP is used.
Affected Silicon Revisions
A
B
X
10.9
MCAN Nominal Bit Timing and Prescaler Register
On Revision A silicon, the MCAN Nominal Bit Timing and Prescaler register (MCAN_NBTP) is named
MCAN Bit Timing and Prescaler register (MCAN_BTP).
SAM E70/S70/V70/V71 Family
Controller Area Network (MCAN)
© 2018 Microchip Technology Inc.
Datasheet Errata
DS80000767C-page 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41