| Moteur de recherche de fiches techniques de composants électroniques |
|
SAMG55 Fiches technique(PDF) 13 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
SAMG55 Fiches technique(HTML) 13 Page - ATMEL Corporation |
|
13 / 25 page ![]() Pin on EXT4 SAM G55 pin SAM G55 Peripheral Function Shared Functionality 8 [PWM(-)] - - 9 [IRQ/GPIO] PB14 - 10 [SPI_SS_B/GPIO] - - 11 [TWI_SDA] PB10 TWD4 EDBG and EXT1 connector (TWI) 12 [TWI_SCL] PB11 TWCK1 EDBG and EXT1 connector (TWI) 13 [USART_RX] - - 14 [USART_TX] - - 15 [SPI_SS_A] - - 16 [SPI_MOSI] - - 17 [SPI_MISO] - - 18 [SPI_SCK] - - 19 [GND] - - GND 20 [VCC] - - VCC 4.1.2. High Speed TWI Interface The extension connector marked with "Host I2C" targets I2C hosts that want to connect to the SAM G55 high speed I2C slave interface. Besides I2C communication, a GPIO and the SAM G55 reset are available. The GPIO can serve as a IRQ to the host and the reset can be used by the host to reset the SAM G55. Table 4-4. SAM G55 High Speed I2C Slave Interface Pin on I2C Connector Pin on SAM G55 SAM G55 Peripheral Function Shared Functionality 1 - - 2 PA01 NCHG TIOB0 3 PA16 GPIO WKUP7 4 RESET Reset 5 PA03 TWD0 6 PA04 TWCK0 7 - - VCC 8 - - GND Atmel SAM G55 Xplained Pro [USER GUIDE] Atmel-42389B-SAM-G55-Xplained-Pro_User Guide-04/2016 13 |