Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAMD21J Fiches technique(PDF) 49 Page - Microchip Technology

No de pièce SAMD21J
Description  32-bit ARM-Based Microcontrollers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMD21J Fiches technique(HTML) 49 Page - Microchip Technology

Back Button SAMD21J Datasheet HTML 45Page - Microchip Technology SAMD21J Datasheet HTML 46Page - Microchip Technology SAMD21J Datasheet HTML 47Page - Microchip Technology SAMD21J Datasheet HTML 48Page - Microchip Technology SAMD21J Datasheet HTML 49Page - Microchip Technology SAMD21J Datasheet HTML 50Page - Microchip Technology SAMD21J Datasheet HTML 51Page - Microchip Technology SAMD21J Datasheet HTML 52Page - Microchip Technology SAMD21J Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
8.2.5
48 pin QFN
Note:  The exposed die attach pad is not connected electrically inside the device.
Table 8-14. Device and Package Maximum Weight
140
mg
Table 8-15. Package Characteristics
Moisture Sensitivity Level
MSL3
32-bit ARM-Based Microcontrollers
© 2017 Microchip Technology Inc.
Datasheet Summary
40001884A-page 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59