| Moteur de recherche de fiches techniques de composants électroniques |
|
MMBTRA223SS Fiches technique(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd, |
|
|
|||||||||||||||||||||||||||||
MMBTRA223SS Fiches technique(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd, |
|
3 / 6 page ![]() INPUT OFF VOLTAGE VI(OFF) (V) Vo=-5.0V 1 -1 10 5 3 50 30 300 100 -100 OUTPUT CURRENT Io (mA) -3 -10 -30 -300 -1K Ta=-25 C Ta=25 C Ta =1 00 C o GI - Io o o -50 Vo=-5V -0.3 -0.6 -100 -0.4 -30 -50 -500 -300 -1K -0.5 -3K -5K -0.1 -0.3 -5 -1 -3 -10 -30 -1.4 -1.0 -0.8 -1.2 -1.8 -1.6 -2.0 -30 INPUT ON VOLTAGE VI(ON) (V) Io - VI(OFF) -3 -1 -10 Ta=-25 C Ta=25 C o o -300 -100 -1K Vo=-0.3V -500 -100 -300 Io - VI(ON) INPUT OFF VOLTAGE VI(OFF) (V) -300 OUTPUT CURRENT Io (mA) -1 1 -3 -10 -30 -100 Ta= 100 C 5 10 3 30 50 300 100 Vo=-5.0V Ta=-25 C Ta=25 C o o o GI - Io -1K -50 -100 INPUT ON VOLTAGE VI(ON) (V) -0.8 -100 -0.4 -30 -50 -0.6 -500 -300 -1K -1.2 -1.0 -1.4 -1.6 -1 -0.5 -0.1 -5K -3K -0.3 Vo=-5V -0.3 -5 -1 -3 -10 -30 -10 Io - VI(OFF) -3 -30 Ta=-25 C o Ta=25 C o -1.8 -2.0 -300 -1K -500 -100 -300 Vo=-0.3V Io - VI(ON) MMBTRA221SS MMBTRA222SS MMBTRA222SS MMBTRA221SS MMBTRA221SS MMBTRA222SS MMBTRA221SS~MMBTRA226SS PNP Digital Transistor 3 / 6 www.pingjingsemi.com Revision:1.0 Jan-2018 Typical Characteristic Curves |