| Moteur de recherche de fiches techniques de composants électroniques |
|
MMBTRA222SS Fiches technique(PDF) 4 Page - Dongguan Pingjingsemi Technology Co., Ltd, |
|
|
|||||||||||||||||||||||||||||
MMBTRA222SS Fiches technique(HTML) 4 Page - Dongguan Pingjingsemi Technology Co., Ltd, |
|
4 / 6 page ![]() -0.6 Vo=-5V 1 -1 3 10 5 100 30 50 300 -0.4 -30 -100 OUTPUT CURRENT Io (mA) -10 -3 -30 -300 -1K -1.4 INPUT OFF VOLTAGE VI(OFF) (V) Ta =1 00 C o Ta=-25 C Ta=25 C o o -1.0 -0.8 GI - Io -1.2 -1.8 -1.6 -2.0 -500 Vo=-0.3V Vo=-5V -0.3 -100 -50 -500 -300 -3K -1K -5K -5 -0.5 -0.1 -0.3 -1 -3 -50 -10 -30 -100 -300 Io - VI(OFF) -30 INPUT ON VOLTAGE VI(ON) (V) Ta=25 C -3 -1 -10 Ta=-25 C o o -300 -100 -1K Io - VI(ON) INPUT OFF VOLTAGE VI(OFF) (V) o Ta= 100 C OUTPUT CURRENT Io (mA) 10 30 50 100 -1 -3 Ta=-25 C Ta=25 C -30 -10 -100 o o -0.8 1K 300 500 3K Vo=-5V -0.4 -30 -0.6 GI - Io -1.2 -1.0 -1.4 -1.6 -300 -1K -1.8 -2.0 -500 -100 INPUT ON VOLTAGE VI(ON) (V) -50 -100 -300 -500 -3K -1K -5K Vo=-5V Io - VI(OFF) -1 -5 -0.1 -0.5 -0.3 -3 -1 -0.3 -50 -30 -10 -300 -100 Vo=-0.3V -10 Ta=25 C Ta=-25 C -3 o o -30 -300 -1K Io - VI(ON) MMBTRA223SS MMBTRA224SS MMBTRA223SS MMBTRA224SS MMBTRA223SS MMBTRA224SS MMBTRA221SS~MMBTRA226SS PNP Digital Transistor 4 / 6 www.pingjingsemi.com Revision:1.0 Jan-2018 |