Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SA3906SQ Fiches technique(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

No de pièce 2SA3906SQ
Description  PNP Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Site Internet  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

2SA3906SQ Fiches technique(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  2SA3906SQ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SA3906SQ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SA3906SQ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SA3906SQ Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SA3906SQ
PNP Transistor
1 / 4
www.pingjingsemi.com
Revision:1.0 Qct-2018
Feature
⚫
Ideal for switching and amplification
Absolute Maximum Ratings
Ratings at 25℃ ambient temperature unless otherwise specified.
40
40
40
SOT-89
1. Base 2. Collector 3.Emitter
Parameter
Symbol
Collector Base Voltage
-VCBO
40
V
Collector Emitter Voltage
-VCEO
40
V
Emitter Base Voltage
-VEBO
6
V
Collector Current
-IC
200
mA
Power Dissipation
PD
500
mW
Junction Temperature
TJ
150
℃
Storage Temperature Range
TSTG
- 55 to + 150
℃
Value
Unit
Marking: 3E.


Numéro de pièce similaire - 2SA3906SQ

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
2SA-10 ETC2-2SA-10 Datasheet
436Kb / 8P
Integrated 2-Axis Hall Sensor
logo
Panasonic Semiconductor
2SA0683 PANASONIC-2SA0683 Datasheet
99Kb / 4P
Silicon PNP epitaxial planar type
2SA0684 PANASONIC-2SA0684 Datasheet
99Kb / 4P
Silicon PNP epitaxial planar type
2SA0719 PANASONIC-2SA0719 Datasheet
81Kb / 4P
For low-frequency power amplification and driver amplification Complementary
2SA0720 PANASONIC-2SA0720 Datasheet
81Kb / 4P
For low-frequency power amplification and driver amplification Complementary
More results

Description similaire - 2SA3906SQ

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com