Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OP490RPFS Fiches technique(PDF) 7 Page - Maxwell Technologies

No de pièce OP490RPFS
Description  Low Voltage Micropower Quad Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXWELL [Maxwell Technologies]
Site Internet  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

OP490RPFS Fiches technique(HTML) 7 Page - Maxwell Technologies

  OP490RPFS Datasheet HTML 1Page - Maxwell Technologies OP490RPFS Datasheet HTML 2Page - Maxwell Technologies OP490RPFS Datasheet HTML 3Page - Maxwell Technologies OP490RPFS Datasheet HTML 4Page - Maxwell Technologies OP490RPFS Datasheet HTML 5Page - Maxwell Technologies OP490RPFS Datasheet HTML 6Page - Maxwell Technologies OP490RPFS Datasheet HTML 7Page - Maxwell Technologies OP490RPFS Datasheet HTML 8Page - Maxwell Technologies OP490RPFS Datasheet HTML 9Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
OP490
7
All data sheets are subject to change without notice
©2001 Maxwell Technologies
All rights reserved.
Low Voltage Micropower Quad Operational Amplifier
12.19.01 Rev2
1000560
F16-01
Note: All dimensions in inches.
16-PIN RAK-PAK® FLAT PACKAGE
SYMBOL
DIMENSION
MIN
NOM
MAX
A
0.115
0.135
0.150
b
0.015
0.017
0.022
c
0.004
0.005
0.009
D
--
0.415
0.440
E
0.245
0.280
0.285
E1
--
--
0.315
E2
0.120
0.156
--
E3
0.030
0.062
--
e
0.050 BSC
L
0.325
0.335
0.345
Q
0.020
0.033
0.045
S1
0.005
0.024
--
N16



Html Pages

1 2 3 4 5 6 7 8 9