Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SARA-R422S-00B Fiches technique(PDF) 40 Page - u-blox AG

No de pièce SARA-R422S-00B
Description  LTE Cat M1 / NB1 and EGPRS modules
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  U-BLOX [u-blox AG]
Site Internet  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R422S-00B Fiches technique(HTML) 40 Page - u-blox AG

Back Button SARA-R422S-00B Datasheet HTML 35Page - u-blox AG SARA-R422S-00B Datasheet HTML 36Page - u-blox AG SARA-R422S-00B Datasheet HTML 37Page - u-blox AG SARA-R422S-00B Datasheet HTML 38Page - u-blox AG SARA-R422S-00B Datasheet HTML 39Page - u-blox AG SARA-R422S-00B Datasheet HTML 40Page - u-blox AG SARA-R422S-00B Datasheet HTML 41Page - u-blox AG SARA-R422S-00B Datasheet HTML 42Page - u-blox AG SARA-R422S-00B Datasheet HTML 43Page - u-blox AG  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
SARA-R4 series - Data sheet
UBX-16024152 - R18
Labeling and ordering information
Page 40 of 43
Abbreviation
Definition
SPI
Serial Peripheral Interface
TBD
To Be Defined
TDD
Time Division Duplex
UART
Universal Asynchronous Receiver-Transmitter serial interface
UL
Up-link (Transmission)
USB
Universal Serial Bus
VoLTE
Voice over LTE
Table 35: Explanation of the abbreviations and terms used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43