Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SARA-R410M-73B Fiches technique(PDF) 31 Page - u-blox AG

No de pièce SARA-R410M-73B
Description  LTE Cat M1 / NB1 and EGPRS modules
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  U-BLOX [u-blox AG]
Site Internet  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R410M-73B Fiches technique(HTML) 31 Page - u-blox AG

Back Button SARA-R410M-73B Datasheet HTML 27Page - u-blox AG SARA-R410M-73B Datasheet HTML 28Page - u-blox AG SARA-R410M-73B Datasheet HTML 29Page - u-blox AG SARA-R410M-73B Datasheet HTML 30Page - u-blox AG SARA-R410M-73B Datasheet HTML 31Page - u-blox AG SARA-R410M-73B Datasheet HTML 32Page - u-blox AG SARA-R410M-73B Datasheet HTML 33Page - u-blox AG SARA-R410M-73B Datasheet HTML 34Page - u-blox AG SARA-R410M-73B Datasheet HTML 35Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
SARA-R4 series - Data sheet
UBX-16024152 - R18
Qualification and approvals
Page 31 of 43
6 Qualification and approvals
6.1 Approvals
SARA-R4 series modules comply with the Directive 2011/65/EU of the European Parliament and the Council on the Restriction of Use of certain Hazardous
Substances in Electrical and Electronic Equipment (EU RoHS 2) and its amendment Directive (EU) 2015/863 (EU RoHS 3).
SARA-R4 series modules are RoHS 3 compliant.
No natural rubbers, hygroscopic materials, or materials containing asbestos are employed.
Table 28 summarizes the main approvals achieved or planned for SARA-R410M and SARA-R412M modules.
Certification
SARA-R410M-01B
SARA-R410M-02B
SARA-R410M-52B
SARA-R410M-63B
SARA-R410M-73B
SARA-R412M-02B
PTCRB
LTE Cat M1 Band
2,4,5,12
LTE Cat M1, NB1 Band
2,3,4,5,8,12,13,20,28
LTE Cat M1 Band
2,4,5,12,13
LTE Cat M1, NB1 Band
2,4,5,12
GCF
LTE Cat M1 Band
2,4,5,12,13
CE Europe
LTE Cat M1, NB1 Band
3,8,20
LTE Cat M1, NB1 Band
3,8,20
2G Band
900,1800
FCC US
LTE Cat M1 Band
2,4,5,12
LTE Cat M1, NB1 Band
2,4,5,12,13,2525
LTE Cat M1 Band
2,4,5,12,13
LTE Cat M1, NB1 Band
2,4,5,12,13
2G Band
850,1900
FCC ID
XPY2AGQN4NNN
XPY2AGQN4NNN
XPY2AGQN4NNN
XPYUBX18ZO01
ISED Canada
LTE Cat M1 Band
2,4,5,12
LTE Cat M1, NB1 Band
2,4,5,12,13
LTE Cat M1 Band
2,4,5,12,13
LTE Cat M1, NB1 Band
2,4,5,12,13
2G Band
850,1900
ISED ID
8595A-2AGQN4NNN
8595A-2AGQN4NNN
8595A-2AGQN4NNN
8595A-UBX18ZO01
IFT Mexico
M1 Band
2,4,5,12
RCM Australia
LTE Cat M1 Band
3,5,8,28
NCC Taiwan
LTE Cat M1, NB1 Band
3,8,28
25 LTE Cat M1 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43