| Moteur de recherche de fiches techniques de composants électroniques |
|
SARA-R410M-02B Fiches technique(PDF) 35 Page - u-blox AG |
|
|
|||||||||||||||||||||||||||||
SARA-R410M-02B Fiches technique(HTML) 35 Page - u-blox AG |
|
35 / 43 page ![]() SARA-R4 series - Data sheet UBX-16024152 - R18 Product handling & soldering Page 35 of 43 7.1.2 Tapes Figure 5 shows the position and the orientation of SARA-R4 series modules as they are delivered on the tape, while Figure 6 and Table 31 specify the dimensions of the tape. Pin 1 Sprocket Hole Feed Direction Figure 5: Orientation of SARA-R4 series modules on tape Figure 6: SARA-R4 series modules tape Parameter Typical value Tolerance Unit A0 16.8 0.2 mm B0 26.8 0.2 mm K0 3.2 0.2 mm Table 31: SARA-R4 series tape dimensions (mm) ☞ Note 1: 10 sprocket hole pitch cumulative tolerance ± 0.2 mm. ☞ Note 2: pocket position relative to sprocket hole is measured as true position of pocket, not pocket hole. ☞ Note 3: A0 and B0are calculated on a plane at a distance “R” above the bottom of the pocket. |