| Moteur de recherche de fiches techniques de composants électroniques |
|
ARA-R404M-00B Fiches technique(PDF) 2 Page - u-blox AG |
|
|
|||||||||||||||||||||||||||||
ARA-R404M-00B Fiches technique(HTML) 2 Page - u-blox AG |
|
2 / 43 page ![]() SARA-R4 series - Data sheet UBX-16024152 - R18 Page 2 of 43 Document information Title SARA-R4 series Subtitle LTE Cat M1 / NB1 and EGPRS modules Document type Data sheet Document number UBX-16024152 Revision and date R18 20-Dec-2019 Disclosure restriction Product status Corresponding content status Functional sample Draft For functional testing. Revised and supplementary data will be published later. In development / Prototype Objective specification Target values. Revised and supplementary data will be published later. Engineering sample Advance information Data based on early testing. Revised and supplementary data will be published later. Initial production Early production information Data from product verification. Revised and supplementary data may be published later. Mass production / End of life Production information Document contains the final product specification. This document applies to the following products: Product name Type number Modem version Application version PCN reference Product status SARA-R404M SARA-R404M-00B-00 K0.0.00.00.07.06 UBX-17047084 Obsolete SARA-R404M-00B-01 K0.0.00.00.07.08 UBX-18055331 Obsolete SARA-R410M SARA-R410M-01B-00 L0.0.00.00.02.03 UBX-18059854 Obsolete SARA-R410M-02B-00 L0.0.00.00.05.06 A02.00 UBX-18010263 Obsolete L0.0.00.00.05.06 A02.01 UBX-18070443 Obsolete SARA-R410M-02B-01 L0.0.00.00.05.08 A02.04 UBX-19041392 Mass production SARA-R410M-52B-00 L0.0.00.00.06.05 A02.06 UBX-18045915 Obsolete SARA-R410M-52B-01 L0.0.00.00.06.08 A02.11 UBX-19041392 Mass production SARA-R410M-63B-00 L0.08.12 A.01.09 UBX-19047631 Engineering sample SARA-R410M-73B-00 L0.08.08 A01.06 UBX-19040180 Prototype SARA-R412M SARA-R412M-02B-00 M0.09.00 A02.11 UBX-19004091 Obsolete SARA-R412M-02B-01 M0.10.00 A02.14 UBX-19016568 Initial production SARA-N410 SARA-N410-02B-00 L0.0.00.00.07.07 A02.09 UBX-19035715 Obsolete u-blox or third parties may hold intellectual property rights in the products, names, logos and designs included in this document. Copying, reproduction, modification or disclosure to third parties of this document or any part thereof is only permitted with the express written permission of u-blox. The information contained herein is provided “as is” and u-blox assumes no liability for its use. No warranty, either express or implied, is given, including but not limited to, with respect to the accuracy, correctness, reliability and fitness for a particular purpose of the information. This document may be revised by u-blox at any time without notice. For the most recent documents, visit www.u-blox.com. Copyright © u-blox AG. |