| Moteur de recherche de fiches techniques de composants électroniques |
|
GPIO6 Fiches technique(PDF) 58 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
GPIO6 Fiches technique(HTML) 58 Page - Microchip Technology |
|
58 / 60 page ![]() USB5806 DS00002236D-page 58 2016-2018 Microchip Technology Inc. PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. [-X] /XX Package Temperature Range Device Device: USB5806 Tape and Reel Option: Blank = Standard packaging (tube or tray) T = Tape and Reel(1) Temperature Range: Blank = 0 C to +70C (Commercial) I= -40 C to +85C (Industrial) Package: KD = 100-pin VQFN Examples: a) USB5806/KD Tray, Commercial temp., 100-pin VQFN b) USB5806-I/KD Tray, Industrial temp., 100-pin VQFN c) USB5806T/KD Tape & reel, Commercial temp., 100-pin VQFN d) USB5806T-I/KD Tape & reel, Industrial temp., 100-pin VQFN Note 1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. [X](1) Tape and Reel Option |