Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB3280 Fiches technique(PDF) 42 Page - Microchip Technology

No de pièce USB3280
Description  Hi-Speed USB Device PHY with UTMI Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3280 Fiches technique(HTML) 42 Page - Microchip Technology

Back Button USB3280 Datasheet HTML 36Page - Microchip Technology USB3280 Datasheet HTML 37Page - Microchip Technology USB3280 Datasheet HTML 38Page - Microchip Technology USB3280 Datasheet HTML 39Page - Microchip Technology USB3280 Datasheet HTML 40Page - Microchip Technology USB3280 Datasheet HTML 41Page - Microchip Technology USB3280 Datasheet HTML 42Page - Microchip Technology USB3280 Datasheet HTML 43Page - Microchip Technology USB3280 Datasheet HTML 44Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
USB3280
DS00001898A-page 42
 2004 - 2015 Microchip Technology Inc.
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
XXX
Package
Device
Device:
USB3280
Package:
AEZG = 36-pin QFN
Tape and Reel
Option:
Blank = Tray packaging
TR
= Tape and Reel (1)
Examples:
• USB3280-AEZG = 36-pin QFN
RoHS Compliant Package
• USB3280-AEZG-TR = 36-pin QFN
RoHS Compliant Package
Tape & Reel
[X]
Tape and Reel
Option
-
-
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and is
not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.
Reel size is 3,000 pieces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44