Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SARA-R404M-00B-01 Fiches technique(PDF) 7 Page - u-blox AG

No de pièce SARA-R404M-00B-01
Description  LTE Cat M1 / NB1 and EGPRS modules
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  U-BLOX [u-blox AG]
Site Internet  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R404M-00B-01 Fiches technique(HTML) 7 Page - u-blox AG

Back Button SARA-R404M-00B-01 Datasheet HTML 3Page - u-blox AG SARA-R404M-00B-01 Datasheet HTML 4Page - u-blox AG SARA-R404M-00B-01 Datasheet HTML 5Page - u-blox AG SARA-R404M-00B-01 Datasheet HTML 6Page - u-blox AG SARA-R404M-00B-01 Datasheet HTML 7Page - u-blox AG SARA-R404M-00B-01 Datasheet HTML 8Page - u-blox AG SARA-R404M-00B-01 Datasheet HTML 9Page - u-blox AG SARA-R404M-00B-01 Datasheet HTML 10Page - u-blox AG SARA-R404M-00B-01 Datasheet HTML 11Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
SARA-R4 series - Data sheet
UBX-16024152 - R18
Functional description
Page 7 of 43
1.4 Product description
SARA-R4 series modules include the following variants / product versions:
SARA-R404M LTE Cat M1 module,
mainly designed for operation in LTE band 13
SARA-R410M-01B LTE Cat M1 module,
mainly designed for operation in LTE bands 2, 4, 5, 12
SARA-R410M-02B LTE Cat M1 / NB1 module,
mainly designed for operation in LTE bands 2, 3, 4, 5, 8, 12, 13, 20, 25, 28
SARA-R410M-52B LTE Cat M1 module,
mainly designed for operation in LTE bands 2, 4, 5, 12, 13
SARA-R410M-63B LTE Cat M1 module,
mainly designed for operation in LTE bands 1, 8, 19
SARA-R410M-73B LTE Cat M1 module,
mainly designed for operation in LTE bands 3, 5, 26
SARA-R412M-02B LTE Cat M1 / NB1 and 2G module,
mainly designed for operation in LTE bands 2, 3, 4, 5, 8, 12, 13, 20 and 2G Quad-band
SARA-N410-02B LTE Cat NB1 module,
mainly designed for operation in LTE bands 2, 3, 4, 5, 8, 12, 13, 28
Table 2 summarizes cellular radio access technologies characteristics and features supported by the
SARA-R4 series modules.
☞ See Table 28 for the detailed list of RATs and bands included in each certification approval of the
SARA-R4 series modules product versions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43