Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

9240LP Fiches technique(PDF) 17 Page - Maxwell Technologies

No de pièce 9240LP
Description  14-Bit, 10 MSPS Monolithic A/D Converter with LPT ASIC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXWELL [Maxwell Technologies]
Site Internet  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

9240LP Fiches technique(HTML) 17 Page - Maxwell Technologies

Back Button 9240LP Datasheet HTML 10Page - Maxwell Technologies 9240LP Datasheet HTML 11Page - Maxwell Technologies 9240LP Datasheet HTML 12Page - Maxwell Technologies 9240LP Datasheet HTML 13Page - Maxwell Technologies 9240LP Datasheet HTML 14Page - Maxwell Technologies 9240LP Datasheet HTML 15Page - Maxwell Technologies 9240LP Datasheet HTML 16Page - Maxwell Technologies 9240LP Datasheet HTML 17Page - Maxwell Technologies 9240LP Datasheet HTML 18Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
17
01.10.05 REV 6
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved.
14-Bit, 10 MSPS Monolithic A/D Converter with LPT ASIC
9240LP
Note: All dimensions in inches
Important Notice:
These data sheets are created using the chip manufacturers published specifications. Maxwell Technologies verifies
functionality by testing key parameters either by 100% testing, sample testing or characterization.
The specifications presented within these data sheets represent the latest and most accurate information available to
date. However, these specifications are subject to change without notice and Maxwell Technologies assumes no
responsibility for the use of this information.
Maxwell Technologies’ products are not authorized for use as critical components in life support devices or systems
without express written approval from Maxwell Technologies.
Any claim against Maxwell Technologies must be made within 90 days from the date of shipment from Maxwell Tech-
nologies. Maxwell Technologies’ liability shall be limited to replacement of defective parts.
D1
0.500 BSC
e
0.050 BSC
S1
0.005
0.067
--
L
0.260
0.270
0.280
Q
0.020
0.025
0.030
N44
44 PIN RAD-PAK® QUAD FLAT PACKAGE
SYMBOL
DIMENSION
MIN
NOM
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18