| Moteur de recherche de fiches techniques de composants électroniques |
|
VS-AVT-RKBB4 Fiches technique(PDF) 6 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
VS-AVT-RKBB4 Fiches technique(HTML) 6 Page - PANDUIT CORP. |
|
6 / 8 page ![]() VeriSafe™ Absence of Voltage Tester 6 Dimensions* Schematics Indicator Module *Dimensions in inches [millimeters]. Three-Phase Delta: 3 Wire + PE Three-Phase WYE: 3 Wire + Neutral and PE DC System: 2 Wire + 3.96 [100.6] 3.31 [84.1] 3.46 [87.9] 3.68 [93.5] 1.51 [38.4] 4.67 [119] 1.54 [39.1] Ø 1.913 [48.6] Warning: The AVT must be installed correctly and grounded as described in the installation instructions to provide proper indication of absence of voltage. Sensor leads, including ground, must not be mechanically connected to each other in order for the device to verify connection to the circuit. Isolation Module 0.180 [4.6] 0.080 [2.0] PANEL KNOCKOUT 1.57 [39.8] 1.29 [32.9] |