| Moteur de recherche de fiches techniques de composants électroniques |
|
VSC7511 Fiches technique(PDF) 81 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
VSC7511 Fiches technique(HTML) 81 Page - Microsemi Corporation |
|
81 / 324 page ![]() Functional Descriptions VMDS-10488 VSC7511 Datasheet Revision 4.2 66 Figure 24 • IS1 Entry Type Overview VCAP IS1 can hold the following number of IS1 entries: • S1_NORMAL: Up to 128 entries. • S1_5TUPLE_IP4: Up to 128 entries. • S1_NORMAL_IP6: Up to 64 entries. • S1_7TUPLE: Up to 64 entries. • S1_5TUPLE_IP6: Up to 64 entries. • S1_DBL_VID: Up to 256 entries. |