| Moteur de recherche de fiches techniques de composants électroniques |
|
VS-AVT-RKBB3 Fiches technique(PDF) 2 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
VS-AVT-RKBB3 Fiches technique(HTML) 2 Page - PANDUIT CORP. |
|
2 / 8 page ![]() Open Panel Activate the VeriSafe™ AVT Test the Tester Verify Installation Verify Installation Retest the Tester Check for Voltage Select Tester Test the Tester Retest the Tester Perform Work Check for Voltage VeriSafe™ Absence of Voltage Tester 2 Electrical Safety Verifying the Absence of Voltage Prior to performing de-energized work on electrical equipment, NFPA 70E requires that workers verify equipment is in an electrically safe state. Until proven otherwise, equipment must be treated as energized and necessary precautions must be observed. One of the steps in the process of verifying that equipment is in an electrically safe state involves a test for the absence of voltage. Comparison of Testing Methods Before and after testing, the functionality of the tester must be verified on a known source. When using a portable tester, this is a time-consuming process and may involve exposure to electrical hazards. Using the VeriSafe™ Absence of Voltage Tester reduces risk and ensures the entire process is performed in the proper sequence – every time, every test. Possible Exposure to Electrical Hazards Automatically Performed in Sequence No Exposure to Electrical Hazards |