Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VSC7440 Fiches technique(PDF) 154 Page - Microsemi Corporation

No de pièce VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Fiches technique(HTML) 154 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 150Page - Microsemi Corporation VSC7440 Datasheet HTML 151Page - Microsemi Corporation VSC7440 Datasheet HTML 152Page - Microsemi Corporation VSC7440 Datasheet HTML 153Page - Microsemi Corporation VSC7440 Datasheet HTML 154Page - Microsemi Corporation VSC7440 Datasheet HTML 155Page - Microsemi Corporation VSC7440 Datasheet HTML 156Page - Microsemi Corporation VSC7440 Datasheet HTML 157Page - Microsemi Corporation VSC7440 Datasheet HTML 158Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
137
Figure 30 •
Unicast Routing Table Overview
The following illustration provides an overview of the table lookups involved in IP multicast routing within
the L3 part of the analyzer.
The VCAP and L3MC table lookups are performed in parallel with the VLAN/MSTP/VMID table lookups.
If the frame does not match a router leg, the result of VCAP and L3MC table lookups are not used for
routing.
VCAP
VLAN
Table
MSTP
Table
VMID
Table
IP Unicast Routing Decision
VMID
Table
VLAN
Table
MSTP
Table
VLAN_MSTP_PTR
VMID
ARP_VMID
RLEG_EVID
MSTP_PTR
(DIP)
Classified VID
Egress router leg /
egress VLAN
Ingress VLAN /
ingress router leg
L2 Forwarding Decision
for Egress VLAN
L2 Forwarding Decision
for Ingress VLAN
VCAP action type ==
arp_entry
ARP_PTR_REMAP
Table
ARP
Table
VCAP action type == arp_ptr
arp_ptr_remap_ena == 1
VCAP action type == arp_ptr
arp_ptr_remap_ena == 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More