| Moteur de recherche de fiches techniques de composants électroniques |
|
VSC7440 Fiches technique(PDF) 85 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
VSC7440 Fiches technique(HTML) 85 Page - Microsemi Corporation |
|
85 / 444 page ![]() Functional Descriptions VMDS-10492 VSC7440 Datasheet Revision 4.2 68 filter in the basic classification. The frame is assigned the ANA_CL pipeline point, and it is therefore not service classified and hence not service policed nor counted in the service statistics. The processing flow illustrates the different functional blocks and their pipeline points. Figure 21 • Processing Flow 3.13.1 Pipeline Definitions The IFH fields IFH.MISC.PIPELINE_PT and IFH.MISC.PIPELINE_ACT carry the frame’s pipeline information (point and action). By default, no pipeline points are triggered and both fields are set to 0. This implies that there are no restrictions on the processing of the frame. The following table defines the available pipeline points in the analyzer and the rewriter. Table 55 • Pipeline Definitions Pipeline Point Block/Mechanism that uses Pipeline Point Application ANA_VRAP VRAP VRAP extraction point. ANA_PORT_VOE Port VOE Port VOE extraction/discard point. ANA_CL Basic classifier Filter discard point/CPU injection point with software configured IFH. ANA_CLM VCAP CLM/service classification CPU injection point with software configured IFH including service classification. Extraction point related to services. ANA_IPT_PROT IPT protection point Protection discard point for e.g. LAG protection (where protection discard is done before Down MEPs) controlled by port VOE. Rewriter Analyzer AN A_ VR AP AN A_ PO RT _V OE AN A_ CL AN A_ CL M AN A_ IPT _P RO T AN A_ OU _M IP AN A_ OU _S W AN A_ OU _P RO T AN A_ IN_ VO E AN A_ OU _V OE AN A_ MI D_ PR OT AN A_ IN_ PR OT AN A_ IN_ MI P AN A_ IN_ SW AN A_ VL AN Acti ve Std by Acti ve Std by RE W_ OU _M IP RE W_ PO RT _V OE RE W_ VR AP RE W_ OU _V OE Acti ve Std by Acti ve Std by RE W_ IN_ MI P RE W_ IN_ VO E : Extraction or drop : Drop : Extraction point : Injection point Legend: AN A_ DO NE Pipeline points: Pipeline points: RE W_ IN_ SW RE W_ OU _S W |