Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VSC7440 Fiches technique(PDF) 428 Page - Microsemi Corporation

No de pièce VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Fiches technique(HTML) 428 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 424Page - Microsemi Corporation VSC7440 Datasheet HTML 425Page - Microsemi Corporation VSC7440 Datasheet HTML 426Page - Microsemi Corporation VSC7440 Datasheet HTML 427Page - Microsemi Corporation VSC7440 Datasheet HTML 428Page - Microsemi Corporation VSC7440 Datasheet HTML 429Page - Microsemi Corporation VSC7440 Datasheet HTML 430Page - Microsemi Corporation VSC7440 Datasheet HTML 431Page - Microsemi Corporation VSC7440 Datasheet HTML 432Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 428 / 444 page
background image
VMDS-10492 VSC7440 Datasheet Revision 4.2
411
L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
7.3
Pins by Number
This section provides a numeric list of the VSC7440 pins.
A1
VSS_65
A2
REFCLK_N
A3
REFCLK_P
A4
S5_RXN
A5
S4_RXN
A6
S3_RXN
A7
S2_RXN
A8
S1_RXN
A9
S0_RXN
A10 P1_D0N
A11 P1_D1N
A12 P1_D2N
A13 P1_D3N
A14 P0_D0N
A15 P0_D1N
A16 P0_D2N
A17 P0_D3N
A18 VSS_66
B1
CLKOUTPLL_N
B2
CLKOUTPLL_P
B3
S6_TXN
B4
S5_RXP
B5
S4_RXP
B6
S3_RXP
B7
S2_RXP
B8
S1_RXP
B9
S0_RXP
B10 P1_D0P
B11 P1_D1P
B12 P1_D2P
B13 P1_D3P
B14 P0_D0P
B15 P0_D1P
B16 P0_D2P
B17 P0_D3P
B18 RESERVED_0
C1
S6_RXN
C2
S6_RXP
C3
S6_TXP
C4
S5_TXN
C5
S4_TXN
C6
S3_TXN
C7
S2_TXN
C8
S1_TXN
C9
S0_TXN
C10 VDD_AL_1
C11 VDD_AL_2
C12 VDD_AL_3
C13 VDD_AL_4
C14 VDD_AH_1
C15 VDD_AH_2
C16 VDD_AH_3
C17 VDD_AH_4
C18 RESERVED_1
D1
PCIE_TXN
D2
PCIE_TXP
D3
VDD_VS_1
D4
S5_TXP
D5
S4_TXP
D6
S3_TXP
D7
S2_TXP
D8
S1_TXP
D9
S0_TXP
D10 SERDES_Rext_1
D11 SERDES_Rext_0
D12 REF_Rext
D13 REF_FILT
D14 THERMDC
D15 THERMDA
D16 DDR_DQ13
D17 DDR_DQ10
D18 DDR_DQ8
E1
PCIE_RXN
E2
PCIE_RXP
E3
VDD_VS_2
E4
VDD_VS_3
E5
VDD_VS_4
E6
VDD_VS_5
E7
VDD_VS_6
E8
VDD_1
E9
VDD_2
E10 VDD_3
E11 VDD_4
E12 VDD_5
E13 VDD_6
E14 VDD_7
E15 DDR_DQ15
E16 DDR_UDM
E17 DDR_UDQSn
E18 DDR_UDQS
F1
S7_RXN
F2
S7_RXP
F3
S7_TXN
F4
S7_TXP
F5
VDD_A_1
F6
VDD_A_2
F7
VSS_1
F8
VSS_2
F9
VSS_3
F10 VSS_4
F11 VSS_5
F12 VSS_6
F13 VDD_8
F14 VDD_9
F15 DDR_DQ14
F16 DDR_DQ9
F17 DDR_DQ11
F18 DDR_DQ12
G1
S8_RXN
G2
S8_RXP
G3
S8_TXN
G4
S8_TXP
G5
VDD_A_3
G6
VSS_7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More