| Moteur de recherche de fiches techniques de composants électroniques |
|
VSC7440 Fiches technique(PDF) 239 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
VSC7440 Fiches technique(HTML) 239 Page - Microsemi Corporation |
|
239 / 444 page ![]() Functional Descriptions VMDS-10492 VSC7440 Datasheet Revision 4.2 222 Figure 63 • Group Scheduling Mode Mode 2: Microwave Backhaul (MBH) mode. This mode is used when many queue groups need to be arbitrated per queuing class, and they share a common outgoing quality of service policy. For example, it may be possible to have 100 queues per queuing class arbitrated on level 0 and 1, and class selected on level 2. In this case, the SE table is used by SE = QMAP_SE_TBL (qgrp – (qgrp MOD 16) + qc, dport), inp = qgrp MOD 16. The following illustration shows the Mobile Backhaul mode. Figure 64 • Mobile Backhaul Mode qgrp 0, qos 0 qgrp n, qos 7 qgrp 0, qos 1 qgrp 1, cos 0 qgrp n, cos 7 qgrp 1, cos 1 qgrp 17, cos 0 qgrp n, cos 7 qgrp 17, cos 1 Scheduler Element Super prio 1 Scheduler Element Scheduler Element Scheduler Element Transmit Requests Scheduler Element Scheduler Element qgrp 0, qos 0 qgrp 15, qos 0 qgrp 1, qos 0 qgrp 112, qos 0 qgrp 113, qos 0 qgrp 127, qos 0 qgrp 112, qos 7 qgrp 127, qos 7 qgrp 113, qos 7 Scheduler Element Super prio 1 Scheduler Element Scheduler Element Scheduler Element Transmit Requests Scheduler Element Scheduler Element |