| Moteur de recherche de fiches techniques de composants électroniques |
|
PWD13F60 Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PWD13F60 Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 26 page ![]() DocID030865 Rev 2 5/26 PWD13F60 Pin connection diagram and description 26 Pin list Table 1. Pin description No. Name Type Function 3, 4, 17, 18, EPAD2 VS Power supply High-voltage supply (high side MOSFET drains) 13, 14, 15, 16, EPAD5 OUT1 Power output Half bridge 1 output 27, 28, 1, 2, EPAD1 OUT2 Power output Half bridge 2 output 12, EPAD4 SENSE1 Power supply Half bridge 1 sense (low side MOSFET source) 26, EPAD7 SENSE2 Power supply Half bridge 2 sense (low side MOSFET source) 5 BOOT1 Power supply Gate driver 1 high side supply voltage 19 BOOT2 Power supply Gate driver 2 high side supply voltage 9 VCC1 Power supply Gate driver 1 supply voltage 23 VCC2 Power supply Gate driver 2 supply voltage 7, 10, 11, EPAD3 GND1 Power supply Gate driver 1 ground 20, 24, 25, EPAD6 GND2 Power supply Gate driver 2 ground 6 LIN1 Logic input Logic input of low side MOSFET 1 8 HIN1 Logic input Logic input of high side MOSFET 1 21 LIN2 Logic input Logic input of low side MOSFET 2 22 HIN2 Logic input Logic input of high side MOSFET 2 |