Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PL2303 Fiches technique(PDF) 17 Page - Prolific Technology Inc.

No de pièce PL2303
Description  USB to Serial Bridge Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PROLIFIC [Prolific Technology Inc.]
Site Internet  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

PL2303 Fiches technique(HTML) 17 Page - Prolific Technology Inc.

Back Button PL2303 Datasheet HTML 13Page - Prolific Technology Inc. PL2303 Datasheet HTML 14Page - Prolific Technology Inc. PL2303 Datasheet HTML 15Page - Prolific Technology Inc. PL2303 Datasheet HTML 16Page - Prolific Technology Inc. PL2303 Datasheet HTML 17Page - Prolific Technology Inc. PL2303 Datasheet HTML 18Page - Prolific Technology Inc. PL2303 Datasheet HTML 19Page - Prolific Technology Inc. PL2303 Datasheet HTML 20Page - Prolific Technology Inc. PL2303 Datasheet HTML 21Page - Prolific Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
Revised Date:
March 20, 2012
ds_pl2303HXD_v1.4.4
PL-2303HX (Rev D) Product Datasheet
- 17 -
Document Version 1.4.4
7.0 Data Formats & Programmable Baud Rate Generator
The PL-2303HXD controller supports versatile data formats and has a programmable baud rate
generator. The supported data formats are shown on Table 7-1. The programmable baud rate
generator supports baud rates up to 12M bps and standard driver already supports several baud rate
settings as shown in Table 7-2.
Table 7-1 Supported Data Formats
Description
Stop bits
1
1.5
2
Parity type
None
Odd
Even
Mark
Space
Data bits
5, 6, 7, 8
Table 7-2 Baud Rate Settings (Supported by Driver)
Baud Rates
(bps)
Baud Rates
(bps)
Baud Rates
(bps)
Baud Rates
(bps)
Baud Rates
(bps)
12000000
6000000
460800
134400
19200
1800
3000000
403200
128000
14400
1200
2457600
268800
115200
9600
600
1228800
256000
57600
7200
300
921600
230400
56000
4800
150
806400
201600
38400
3600
110
614400
161280
28800
2400
75
Note: For special baud rate requirements, please contact Prolific FAE for driver customization support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30