| Moteur de recherche de fiches techniques de composants électroniques |
|
E5CS-RGDU-W Fiches technique(PDF) 7 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5CS-RGDU-W Fiches technique(HTML) 7 Page - Omron Electronics LLC |
|
7 / 10 page ![]() E5CS 7 Dimensions Note: All units are in millimeters unless otherwise indicated. ■ Controller Note: The external dimensions are the same for both models with and without alarms. 48 × 48 6.25 (7.75) 72.5 94.45 44.8 × 44.8 60 min. L = (48 × N − 2.5) Mounting side-by-side (group mounting of N Controllers) +1 0 45 +0.6 0 45 +0.6 0 45 +0.6 0 L Note: Use the P2CF-08 and P3G-08 Sockets for models without alarms, and use the P2CF-11 and P3GA-11 Sockets for models with alarms. 6 5 4 3 2 1 11 10 9 8 7 5 4 3 2 1 8 7 6 E5CS-U E5CS-U + Adapter for Flush Mounting (Enclosed) + Back Connecting Socket (Order Separately) (Without Alarms) Terminal Arrangement (Bottom View) Models without alarms E5CS-U + Adapter for Flush Mounting (Enclosed) + Back Connecting Socket (Order Separately) (With Alarms) Models with alarms Tightening screws 48 100 7 Adapter for flush mounting P3GA-11 Back Connecting Socket Panel Y92F-30 Adapter for flush mounting 58 Tightening screws 48 95 7 Adapter for flush mounting P3G-08 Back Connecting Socket Panel Y92F-30 Adapter for flush mounting 58 Panel Cutout Dimensions |