Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PI3DPX1202A1 Fiches technique(PDF) 40 Page - Diodes Incorporated

No de pièce PI3DPX1202A1
Description  Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1202A1 Fiches technique(HTML) 40 Page - Diodes Incorporated

Back Button PI3DPX1202A1 Datasheet HTML 36Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 37Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 38Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 39Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 40Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 41Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 42Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 43Page - Diodes Incorporated PI3DPX1202A1 Datasheet HTML 44Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
PI3DPX1202A
A product Line of
Diodes Incorporated
40 of 51
www.diodes.com
September 2017
© Diodes Incorporated
PI3DPX1202A
Document number: DS40115 Rev.2-1
•
Ground referencing is highly recommended. If unavoidable, stitching capacitors of 0.1uF should be placed when reference plane
is changed.
Figure 6-7: Stitching Capacitor Placement
•
To keep the reference unchanged, stitching vias must be used when changing layers.
•
Differential pair should maintain symmetrical routing whenever possible. The intra-pair skew of micro-strip should be less than
5 mils.
•
To keep the reference unchanged, stitching vias must be used when changing layers.
•
Differential pair should maintain symmetrical routing whenever possible. The intra-pair skew of micro-strip should be less than
5 mils.
Figure 6-8: Layout Guidance of Matched Differential Pair
•
For minimal crosstalk, inter-pair spacing between two differential micro-strip pairs should be at least 20 mils or 4 times the
dielectric thickness of the PCB.
•
Wider trace width of each differential pair is recommended in order to minimize the loss, especially for long routing. More con-
sistent PCB impedance can be achieved by a PCB vendor if trace is wider.
•
Differential signals should be routed away from noise sources and other switching signals on the printed circuit board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51