| Moteur de recherche de fiches techniques de composants électroniques |
|
VNH7070BAS Fiches technique(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VNH7070BAS Fiches technique(HTML) 35 Page - STMicroelectronics |
|
35 / 38 page ![]() DocID029595 Rev 2 35/38 VNH7070BAS Package and packing information 37 Figure 30. SO-16N rcarrier tape Table 18. Reel dimensions Description Value(1) 1. All dimensions are in mm. Base quantity 2500 Bulk quantity 2500 A (max) 330 B (min) 1.5 C (+0.5, -0.2) 13 D (min) 20.2 N 100 W1 (+2 /-0) 16.4 W2 (max) 22.4 Table 19. SO-16N carrier tape dimensions Description Value A0 6.55 ± 0.1 B0 10.38 ± 0.1 K0 2.10 ± 0.1 K1 1.80 ± 0.1 F 7.50 ± 0.1 |