| Moteur de recherche de fiches techniques de composants électroniques |
|
H3BA Fiches technique(PDF) 10 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
H3BA Fiches technique(HTML) 10 Page - Omron Electronics LLC |
|
10 / 22 page ![]() 10 Solid-state Timer H3BA-N Gate Signal Input in Operating Mode A (ON-delay Operation) Note: The set time is the sum of t1 and t2. H3BA-N8H, Output Type: A Type H3BA-N8H, Output Type: H Type Power Start Gate Reset Output relay ON OFF ON OFF ON OFF ON OFF ON OFF t1 t2 Operating mode Timing chart A: ON-delay Power Output t Basic operation Power 2 and 7 Output relay (NC) 8 and 5 (1 and 4) Output relay (NO) 8 and 6 (1 and 3) and output indicator Power indicator t t Rt Rt t - a Operating mode Timing chart H: ON-delay with instantaneous output contact Power Output t Basic operation Power 2 and 7 Output relay 8 and 5 (NC) Power indicator Instantaneous 1 and 4 output relay (NC) t t Rt Rt t - a Instantaneous 1 and 3 output relay (NO) Output relay 8 and 6 (NO) (output indicator) |