Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

5000 Fiches technique(PDF) 27 Page - Microchip Technology

No de pièce 5000
Description  Evaluation Board (ADM00805) User?셲 Guide
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

5000 Fiches technique(HTML) 27 Page - Microchip Technology

Back Button 5000 Datasheet HTML 23Page - Microchip Technology 5000 Datasheet HTML 24Page - Microchip Technology 5000 Datasheet HTML 25Page - Microchip Technology 5000 Datasheet HTML 26Page - Microchip Technology 5000 Datasheet HTML 27Page - Microchip Technology 5000 Datasheet HTML 28Page - Microchip Technology 5000 Datasheet HTML 29Page - Microchip Technology 5000 Datasheet HTML 30Page - Microchip Technology 5000 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
PAC1934 EVALUATION BOARD
(ADM00805) USER’S GUIDE
 2017 Microchip Technology Inc.
DS50002673A-page 27
Chapter 4. Hardware Description
4.1
DEFAULT CONNECTIONS, DEMO MODE AND SYSTEM MODE
The PAC1934 is placed at the center of the board, in a wafer level chip scale package
(WLCSP), U1. It is surrounded by probe points with the pin names labeled. There is a
provision for an input filter for each pair on input pins, but these are not populated. The
other hardware on the board is described below.
FIGURE 4-1:
ADM00805 EVALUATION BOARD
4.2
DEFAULT CONNECTIONS, DEMO MODE AND SYSTEM MODE FOR
CHANNEL INPUTS
In Figure 4-1, the USB connector is at the top. The yellow rectangles show the default
(as shipped) position of the shorting shunts that connect the different pin pairs. There
is also a yellow box around SW1. SW1 must be set to the ON position for USB
communication to work properly. In this default configuration the inputs of the four chan-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45